Part Number Hot Search : 
128C80E TC3943 TDA737 1E104 00PS4 1E104 1N5395G 17750S
Product Description
Full Text Search
 

To Download W99200FW99200AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPEG-1 VIDEO ENCODER
GENERAL DESCRIPTION The W99200F/ W99200AF is a high performance MPEG-1 Video Encoder which supports real-time video encoding. The W99200F/ W99200AF provides a fast, high quality and cost-effective solution for use in consumer video systems, PC add-in cards, and PC external boxes. It enables a wide range of applications including video and audio capturing, encoding and authoring for Security system, Web sites, RVCD, Digital VCR and video e-mail. The W99200AF also supports the cooperation with the Zapex Z1210, the MPEG audio encoder/ MPEG system mux chip. W99200F is functionally equal to W99200AF, excluding the cooperation support. FEATURES Live Video Encoding * Real time MPEG-1 video encoding in IBP syntax * Programmable IBP frame sequence * Programmable bit rate * Supports NTSC and PAL frame rates * Real time Motion JPEG encoding * Supports SIF and QSIF resolutions * Supports standard formats - CCIR601 NTSC, CCIR601 PAL and Square NTSC * Automatic cropping and decimation * Automatic inverse telecine (3:2 pull down) * Automatic time code generation * Automatic scene change detection * Supports user defined bitmap 96 x 32 pixel size for logo Live Video Pass Through * Passes YCbCr video from live video input to host * Supports SIF and QSIF formats * Automatic cropping and decimation * Programmable frame rate output to the host Live Audio Pass Through * Supports I2S interface for passing audio to host * Provides perfect A/V synchronization Live Video Snap Shot * Captures a single frame from live video input to host in YCbCr, JPEG or MPEG-1 I-frame format * Supports frame resolutions of CCIR601 (4:2:0), SIF and QSIF * Automatic cropping and decimation Single Frame Encoding * Supports frame sizes from 32 x 32 to 720 x 576 * Provides video editing through host access
This product is jointly developed with Zapex Research Ltd. Winbond Corporate Headquarters Taipei Sales Office Tel : 886-3-5790666 Tel : 886-2-27190505 Fax : 886-3-5796139 Fax : 886-2-27197502
W99200F/W99200AF
* Receives single frame video from the host, encodes in MPEG-1 I-frame or JPEG format, and sends it back to the host Standards Compliant * Multi-Standard MPEG-1, M-JPEG, and JPEG * ISO/IEC 11172-2 MPEG-1 Video * ISO/IEC 10918-1:1994 JPEG Stills Flexible Host Interface * Allows host type selection through input pins * Provides 32-bit PCI bus interface in both bus target and bus master modes * Provides industrial standard EPP/ECP interface * Provides generic 32-bit bus interface * Provides a set of configuration registers * Provides I2C protocol management through the host DRAM Interface * Single 1M x 16 bits SDRAM required * Host Read/Write modes allow the host to utilize the SDRAM for system storage Video Decoder Interface * Glueless interface to popular video decoders * Programmable interface characteristics MPEG Decoder Interface * serves a glueless 8051-like interface for SVCD decoder * shares the single 16M bit SDRAM with SVCD decoder Operating Conditions * 160-pin PQFP * 3.3 Volt supply with input pins 5 Volt tolerant * Operating frequency 54 MHz Applications * Recordable Video-CD player (RVCD) * Security Camera or Web Camera * TV Tuner & Recorder card * Desktop Video Editing System * PCI MPEG-1 encoding & capture card * External MPEG-1 Video Encoding box APPLICATION EXAMPLE:
Live Video Video Decoder W99200AF / W99200F 1MX16 SDRAM PCI Bus
Winbond Electronics North America Corp. Tel : 1-408-943666 Fax : 1-408-9436668
Winbond Electronics H.K. Ltd. Tel : 852-27513100 Fax : 852-27552064 Aug. 1999
Details are subject to change without notice. All trademarks are property of their respective holders.


▲Up To Search▲   

 
Price & Availability of W99200FW99200AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X